Part Number Hot Search : 
RPSR50E BA3306 P4KE16 68339 0000MH FM107 MSK640 CY3093
Product Description
Full Text Search
 

To Download EHP-AX08F-GT01-P01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet High Power LED - 1W
EHP-AX08F/GT01-P01
Features
Feature of the device: small package with high efficiency Typical color temperature: 6500 K. Typical view angle: 80. Typical light flux output: 55lm @ 350mA. ESD protection. Soldering methods: Hot bar soldering. Grouping parameter: total luminous flux, color temperature. Typical optical efficiency: 44 lm/W. Thermal resistance (junction to lead): 15 K/W. The product itself will remain within RoHS compliant version
Applications
TFT LCD display backlight Decorative and entertainment illumination Signal and symbol luminaries for orientation marker lights (e.g. steps, exit ways, etc.) Exterior and interior automotive illumination
Materials
Items Housing black body Encapsulating Resin Lens Electrodes Die attach Chip Description Heat resistant polymer Silicone resin Heat resistant clear polymer Ag plating copper alloy Silver paste InGaN
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 1 of 9
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Dimensions
Notes: 1. Dimensions are in millimeters. 2. Tolerances unless dimensions 0.25mm. Everlight Electronics Co., Ltd. Device No. http://www.everlight.com Prepared date: Mar 10, 2008 Rev. 1.0 Prepared by: Jessie Chueh Page: 2 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Maximum Ratings (T Ambient=25C)
Parameter Operating Temperature Storage Temperature Junction temperature Pulse Forward Current Power Dissipation Junction to heat-sink thermal resistance Symbol Topr Tstg Tj IF Pd Rth Rating -40 ~ +100 -40 ~ +110 125 500 2.0 15 Unit C C C mA W K/W
Electro-Optical Characteristics (TAmbient=25C)
Parameter Bin J5 Luminous Flux(1) K1 K2 V2 Forward Voltage(2) V3 V4 Viewing Angle(3) Color Temperature(4) ------21/2 CCT VF v Symbol Min 45 52 60 3.25 3.55 3.85 ---4500 Typ. ------------------80 6500 Max 52 60 70 3.55 3.85 4.15 ---10000 deg K V IF=350mA lm Unit Condition
Note. 1. Luminous Flux measurement tolerance: 10% 2. Forward Voltage measurement tolerance: 0.1V 3. 21/2 is the off axis angle from lamp centerline where the luminous intensity is 1/2 of the peak value. 4. X, Y coordination for white light bin areas refer to EHP-A08-AX08 series White and Warm White Binning (DSE-A08-001) .
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 3 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Typical Electro-Optical Characteristics Curves
Relative Spectral Distribution, IF=350mA, T Ambient=25C
1.0
3.8 3.6
Forward Voltage vs Forward Current, T Ambient=25C
Relative Luminous Intenstiy
0.8
Forward Voltage (V)
3.4 3.2 3.0 2.8 2.6
0.6
0.4
0.2
0.0 400
500
600
700
800
0
100
200
300
400
500
Wavelength(nm)
Forward Current (mA)
Relative Luminous Intensity vs Forward Current, T Ambient=25C
1.4
400 350 300 250 200 150 100
Forward Current Derating Curve, Derating based on TjMAX=125C
Relative Luminous Intensity
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 100 200 300 400 500
Forward Current (mA)
0
20
40
60
80
100
Forward Current (mA)
o Ambient Temperature ( C)
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 4 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Typical Representative Spatial Radiation Pattern
1.0
Relative Luminous Intensity
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -80 -60 -40 -20 0 20 40 60 80
Degree (2)
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 5 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Label explanation
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
Tube Packing Specifications
1. Tube 2. Inner Carton
3. Outside Carton
Packing Quantity
1. 60 Pcs / Per Tube 2. 20 Tubes / Inner Carton 3. 12 Inner Cartons / Outside Carton
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 6 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Reliability Test Items and Results
Stress Test Solderability Resistance to Solder Heat Thermal Shock Stress Condition Tsol=230, 5sec Tsol=260, 10sec, 6min H110 20min. ' 10sec. 'L 40 20min. H100 30min. ' 5min. 'L 40 30min. Ta=85 , RH=85% Ta=85 , RH=60%, IF=225mA Ta=110 Ta=-40 Ta=25, IF=1000mA 30mS on/ 2500mS off Ta=55, IF=350mA Ta=85, IF=225mA Ta=100, IF=150mA Ta=-40, IF=350mA H85 15min. ' 5min. 'L 40 15min. IF=225mA,2min on/off 2000V, Interval:0.5sec 200V, Interval:0.5sec Stress Duration 1 times 3 times 500 Cycles
Temperature Cycle High Temperature/Humidity Reverse Bias High Temperature/Humidity Operation High Temperature Storage Low Temperature Storage Intermittent operational Life High Temperature Operation Life #1 High Temperature Operation Life #2 High Temperature Operation Life #3 Low Temperature Operation Life Power Temperature Cycle
1000 Cycles
1000hours 1000hours 1000hours 1000hours 1000hours 1000hours 1000hours 1000hours 1000hours
1000cycles
ESD Human Body Model ESD Machine Model
3 times 3 times
*lm: BRIGHTNESS ATTENUATE DIFFERENCE(1000hrs)50% *VF: FORWARD VOLTAGE DIFFERENCE20%
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 7 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
Precautions For Use
1. Over-current-proof Though EHP-A08 has conducted ESD protection mechanism, customer must not use the device in reverse and should apply resistors for extra protection. Otherwise slight voltage shift may cause enormous current change and burn out failure would happen. 2. Storage i. ii. iii. iv. v. vi. vii. Do not open moisture proof bag before the products are ready to use. Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. The LEDs should be used within a year. After opening the package, the LEDs should be kept at 30 or less and 70%RH or less. The LEDs should be used within 168 hours (7 days) after opening the package. If the moisture absorbent material (silicone gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Pre-curing treatment : 605 for 24 hours.
3. Thermal Management i. For maintaining the high flux output and achieving reliability, EHP-A08 series LED package should be mounted on a metal core printed circuit board (MCPCB) with proper thermal connection to dissipate approximately 1W of thermal energy under 350mA operation.
ii. iii.
Special thermal designs are also recommended to take in outer heat sink design, such as FR4 PCB on Aluminum with thermal vias or FPC on Aluminum with thermal conductive adhesive, etc. Sufficient thermal management must be conducted, or the die junction temperature will be over the limit under large electronic driving and LED lifetime will decrease critically.
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 8 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
4. Assembly process flow
Handling IndicationsDo not handle the EHP-A08 by the lens at any time during the assembly process. This can cause damage to the optical surfaces or may dislocate the lens if excessive force is applied. 5. Soldering Iron i. ii. For prototype builds or small series production runs it is possible to place and solder the LED by hand. Dispensing thermal conductive glue or grease on the substrates and follow its curing spec. Press LED housing to closely connect LED and substrate.
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 9 of 10
EVERLIGHT ELECTRONICS CO.,LTD. EHP-AX08F/GT01-P01
iii. It is recommended to hand solder the leads with a solder tip temperature of 280C for less than 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. iv. Be careful because the damage of the product is often started at the time of the hand solder.
Everlight Electronics Co., Ltd. Device No.
http://www.everlight.com Prepared date: Mar 10, 2008
Rev. 1.0 Prepared by: Jessie Chueh
Page: 10 of 10


▲Up To Search▲   

 
Price & Availability of EHP-AX08F-GT01-P01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X